1 dc plug/socket 4840.2200 www.schurter.com /pg12 appliance inlet 4840, solder terminal, socket, 6.3 mm, 2-pole, dc plug/socket description - solder terminal : screw-on mounting , from rear-side - low voltage dc plug and socket - dc plug: 2-pole , straight technical data diameter 6.3 mm / 2.0 mm number of poles 2-pole ratings dc 1 a / 12 vdc dielectric strength 500 vdc insulation resistance > 100 m? @ 500 vdc allowable operation temp. -20 c to 70 c terminal solder terminal silver plated mounting screw-on mounting wall thickness max. 5.5 mm style straight lifetime 5000 insertions dimensions 10.5 11.8 2.0 5.7 ? 16.0 ? 6.3 m12.5x1.0 1.8 4.0 ? 14 ? 12.8 diagrams all variants product group diameter [mm] number of poles terminal order number dc plug/socket 6.3 2-pole solder terminal 4840.2200 most popular. availability for all products can be searched real-time: http://www.schurter.com/stock-check/stock-check-schurter
2 dc plug/socket 4840.2200 www.schurter.com /pg12 appliance inlet packaging unit 250 pcs mating inlets/plugs category / description dc plug/socket overview complete 4840, solder terminal, plug, 5.5 mm, 2-pole, dc plug/socket 4840.1200 4840, cable, plug, 5.5 mm, 2-pole, dc plug/socket 4840.5200 4840, cable, plug, 5.5 mm, 2-pole, dc plug/socket 4840.5201 dc plug/socket further types to 4840.2200 the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments. information furnished is believed to be accurate and reliable. however, users should independently evaluate the suitability and test each product selected for their own applications. 21.11.2016
|